Part Number Hot Search : 
2SK21 MMBZ5 EPA120 CPD48 10PBF LT196 18LF2 203SH30
Product Description
Full Text Search
 

To Download RS407GL-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rs401gl thru rs407gl glass passivated 50 to 1000 volts features ? ideal for printed circuit board ? reliable low cost construction utilizing molded plastic technique ? high surge current capability ? silver plated copper leads dimensions inches mm dim min max min max note a .728 .768 18.50 19.50 b .600 .640 15.20 16.30 c .750 --- 19.00 --- d .236 .256 6.00 6.50 e .180 .220 4.60 5.60 g ------ .083 ------ 2.10 maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage rs401gl rs401gl 50v 35v 50v rs402gl rs402gl 100v 70v 100v rs403gl rs403gl 200v 140v 200v rs404gl rs404gl 400v 280v 400v rs405gl rs405gl 600v 420v 600v rs406gl rs406gl 800v 560v 800v rs407gl rs407gl 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 4.0a t a = 50 c peak forward surge current i fsm 200a 8.3ms, half sine maximum forward voltage drop per element v f 1.1v i fm = 4.0a; t a = 25 c (note 2) maximum dc reverse current at rated dc blocking voltage i r 5 at a = 25 c t a = 125 c a b c h g d e ac + - h .048 .052 1.20 1.30                 mcc rs - 4l 4 amp single phase bridge rectifier  
 omponents 20736 marilla street chatsworth       
     100 a revision: 10 2010/07/23 tm micro commercial components ? case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 ? lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) ? marking:type number notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 2. pulse test: pulse width 300usec, duty cycle 1% www. mccsemi .com 1 of 3 ? ul recognized file # e165989
rs401gl thru rs407gl instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts 1 100 4 0 50 100 150 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 200 250 300 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2 typical reverse characteristics volts .4 .6 2 1 amps 20 120 40 60 80 100 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 t j =25 c mcc revision:10 2010/07/23 single phase, half wave 60hz resistive or inductive load 0 average forward rectified current - amperes versus case temperature - q c figure 3 forward derating curve 25 50 100 125 150 0 1.0 2.0 3.0 amps 75 4.0 5.0 6.0 tm micro commercial components www. mccsemi .com 2 of 3
mcc tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***important notice*** micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;400pcs/box revison: 10 2010/07/23 ***life support*** without the expresse written approval of micro commercial components corporation. mcc's products are not authorized for use as critical components in life support devices or systems


▲Up To Search▲   

 
Price & Availability of RS407GL-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X